PART |
Description |
Maker |
XC9536-6VQG44C XC9536-15VQG44C XC9536-15PCG44C 953 |
XC9536-6VQG44C FLASH PLD, 6 ns, PQFP44 36 MACROCELL 5 VOLT ISP CPLD (IQ AUTOMOT FLASH PLD, 15 ns, PQFP44 XC9536-15PCG44C FLASH PLD, 15 ns, PQCC44 XC9536-10CSG48C - NOT RECOMMENDED for NEW DESIGN XC9536-10PCG44C XC9536-15PCG44I
|
Xilinx, Inc. XILINX INC
|
ATF1500A05 ATF1500A ATF1500A-10AC ATF1500A-10AI AT |
FLASH PLD, 12 ns, PQCC44 FLASH PLD, 10 ns, PQFP44 FLASH PLD, 12 ns, PQFP44 Highperformance EPLD
|
ATMEL Corporation
|
ISPLSI2032A-110LT48I ISPLSI2032A-135LJI ISPLSI2032 |
In-System Programmable High Density PLD EE PLD, 8 ns, PQFP44 In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件 In-System Programmable High Density PLD EE PLD, 10 ns, PQCC44 In-System Programmable High Density PLD EE PLD, 10 ns, PQFP48 In-System Programmable High Density PLD EE PLD, 7.5 ns, PQFP44
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2064VE ISPLSI2064VE-100LB100 ISPLSI2064VE-10 |
3.3V In-System Programmable High Density SuperFAST?PLD 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 7 ns, PQFP44 CRYSTAL 16.0 MHZ 20PF SMD EE PLD, 13 ns, PQFP100 CRYSTAL 20.0 MHZ 20PF SMD RES 180K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 280 MHz 3.3V in-system prommable superFAST high density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
CY7C341-25JC CY7C341-25JI CY7C341-30RI CY7C341-30R |
OT PLD, 52 ns, PQCC84 PLASTIC, LCC-84 UV PLD, 59 ns, CPGA84 UV PLD, 59 ns, CQCC84
|
Cypress Semiconductor, Corp. ON Semiconductor CYPRESS SEMICONDUCTOR CORP
|
N5C090-60 N5C090-50 5C090 D5C090-50 P5C090-50 TN5C |
24 MACROCELL CMOS PLD OT PLD, 60 ns, PQCC44 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-55 UV PLD, 60 ns, CDIP40 24 MACROCELL CMOS PLD OT PLD, 50 ns, PDIP40
|
Intel, Corp. Intel Corp. Intel Corporation
|
ATF1504SEL ATF1508SEL ATF1502SEL ATF1508SEL-15JC84 |
ATF1502/04/08/16SE(L) Preliminary [Updated 9/02. 69 Pages] Second Generation Industry Compatible 5V Logic Doubling CPLDs 32-512 Macrocells. standard & low power w/ISP EE PLD, 15 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 15 ns, PQFP160 28 X 28 MM, PLASTIC, QFP-160 EE PLD, 15 ns, PQFP100 14 X 20 MM, PLASTIC, QFP-100 EE PLD, 10 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 7.5 ns, PQFP160
|
Atmel, Corp. ATMEL CORP
|
PEEL22V10AZ3J-15 PEEL22V10AZ3S-15 PEEL22V10AZ3P-15 |
EE PLD, 15 ns, PQCC28 PLASTIC, LCC-28 EE PLD, 15 ns, PDSO24 SOIC-24 EE PLD, 15 ns, PDIP24 0.300 INCH, PLASTIC, DIP-24
|
Integrated Circuit Technology Corp
|
|